| データシートサーチシステム |
|
VIPER53ESPTR-E データシート(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER53ESPTR-E データシート(HTML) 17 Page - STMicroelectronics |
|
17 / 31 page ![]() VIPer53EDIP - E / VIPer53ESP - E Regulation Loop Stability DocRev1 17/31 The lowest load gives another condition for stability: The frequency FBW1 must not encounter the third order slope generated by the load pole, the R1-C1 network on the COMP pin and the R2-C2 network at the level of the TL431 on secondary side. This condition can be met by adjusting both C1 and C2 values: The above formula gives a minimum value for C1. It can be then increased to provide a natural soft start function as this capacitor is charged by the current ICOMP at start-up. C 1 R L1 C OUT ⋅ 6.3 G O R 4 --------- R1 2 ⋅⋅ ----------------------------------- P OU T1 P MAX --------------------- ⋅ > C 2 R L1 C OUT ⋅ 6.3 G O R 4 --------- R 1 R 2 ⋅⋅ ⋅ ----------------------------------------------- P OU T1 P MAX --------------------- ⋅ > P OUT1 V OUT 2 R L1 ------------------- = with: |