データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VIPER53ESPTR-E データシート(PDF) 26 Page - STMicroelectronics

部品番号 VIPER53ESPTR-E
部品情報  OFF-line Primary Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53ESPTR-E データシート(HTML) 26 Page - STMicroelectronics

Back Button VIPER53ESPTR-E Datasheet HTML 22Page - STMicroelectronics VIPER53ESPTR-E Datasheet HTML 23Page - STMicroelectronics VIPER53ESPTR-E Datasheet HTML 24Page - STMicroelectronics VIPER53ESPTR-E Datasheet HTML 25Page - STMicroelectronics VIPER53ESPTR-E Datasheet HTML 26Page - STMicroelectronics VIPER53ESPTR-E Datasheet HTML 27Page - STMicroelectronics VIPER53ESPTR-E Datasheet HTML 28Page - STMicroelectronics VIPER53ESPTR-E Datasheet HTML 29Page - STMicroelectronics VIPER53ESPTR-E Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
Mechanical Data
VIPer53EDIP - E / VIPer53ESP - E
26/31
DocRev1
14
Mechanical Data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31