| データシートサーチシステム |
|
ML13156 データシート(PDF) 2 Page - LANSDALE Semiconductor Inc. |
|
|
|||||||||||||||||||||||||||||
ML13156 データシート(HTML) 2 Page - LANSDALE Semiconductor Inc. |
|
2 / 21 page ![]() ML13156 LANSDALE Semiconductor, Inc. MAXIMUM RATINGS Rating Pin Symbol Value Unit Power Supply Voltage 16, 19, 22 VEE(max) –6.5 Vdc Junction Temperature – TJ(max) 150 °C Storage Temperature Range – Tstg –65 to +150 °C NOTES: 1. Devices should not be operated at or outside these values. The "Recommended Operating Conditions" table provides for actual device operation. RECOMMENDED OPERATING CONDITIONS Rating Pin Symbol Value Unit Power Supply Voltage @ TA = 25°C 4, 9 VCC 0 (Ground) Vdc –40 °C ≤ TA ≤ +85°C 16, 19, 22 VEE –2.0 to –6.0 Input Frequency 1, 2 fin 500 MHz Ambient Temperature Range – TA –40 to +85 °C Input Signal Level 1, 2 Vin 200 mVrms DC ELECTRICAL CHARACTERISTICS (TA = 25°C, VCC1 = VCC2 = 0, no input signal.) Characteristic Pin Symbol Min Typ Max Unit Total Drain Current (See Figure 2) 19, 22 ITotal mA VEE = –2.0 Vdc – 4.8 – VEE = –3.0 Vdc 3.0 5.0 8.0 VEE = –5.0 Vdc – 5.2 – VEE = –6.0 Vdc – 5.4 – Drain Current, I22 (See Figure 3) 22 I22 mA VEE = –2.0 Vdc – 3.0 – VEE = –3.0 Vdc – 3.1 – VEE = –5.0 Vdc – 3.3 – VEE = –6.0 Vdc – 3.4 – Drain Current, I19 (See Figure 3) 19 I19 mA VEE = –2.0 Vdc – 1.8 – VEE = –3.0 Vdc – 1.9 – VEE = –5.0 Vdc – 1.9 – VEE = –6.0 Vdc – 2.0 – DATA SLICER (Input Voltage Referenced to VEE = –3.0 Vdc, no input signal; See Figure 15.) Input Threshold Voltage (High Vin) 15 V15 1.0 1.1 1.2 Vdc Output Current (Low Vin) 17 I17 – 1.7 – mA Data Slicer Enabled (No Hold) V15 > 1.1 Vdc V18 = 0 Vdc AC ELECTRICAL CHARACTERISTICS (TA = 25°C, VEE = –3.0 Vdc, fRF = 130 MHz, fLO = 140.7 MHz, Figure 1 test circuit, unless otherwise specified.) Characteristic Pin Symbol Min Typ Max Unit 12 dB SINAD Sensitivity (See Figures 17, 23) 1, 14 – – –100 – dBm fin = 144.45 MHz; fmod = 1.0 kHz; fdev = ±75 kHz MIXER Conversion Gain 1, 3 – – 22 – dB Pin = –37 dBm (Figure 4) Mixer Input Impedance 1, 2 Rp – 1.0 – k Ω Single–Ended (Table 1) Cp – 4.0 – pF Mixer Output Impedance 3 – – 330 – Ω IF AMPLIFIER SECTION IF RSSI Slope (Figure 6) 20 – 0.2 0.4 0.6 µA/dB IF Gain (Figure 5) 5, 8 – – 39 – dB Input Impedance 5 – – 1.4 – k Ω Output Impedance 8 – – 290 – Ω www.lansdale.com Page 2 of 21 Issue A |