データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML13156 データシート(PDF) 21 Page - LANSDALE Semiconductor Inc.

部品番号 ML13156
部品情報  Wideband FM IF System
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LANSDALE [LANSDALE Semiconductor Inc.]
ホームページ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13156 データシート(HTML) 21 Page - LANSDALE Semiconductor Inc.

Back Button ML13156 Datasheet HTML 13Page - LANSDALE Semiconductor Inc. ML13156 Datasheet HTML 14Page - LANSDALE Semiconductor Inc. ML13156 Datasheet HTML 15Page - LANSDALE Semiconductor Inc. ML13156 Datasheet HTML 16Page - LANSDALE Semiconductor Inc. ML13156 Datasheet HTML 17Page - LANSDALE Semiconductor Inc. ML13156 Datasheet HTML 18Page - LANSDALE Semiconductor Inc. ML13156 Datasheet HTML 19Page - LANSDALE Semiconductor Inc. ML13156 Datasheet HTML 20Page - LANSDALE Semiconductor Inc. ML13156 Datasheet HTML 21Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
ML13156
LANSDALE Semiconductor, Inc.
(ML13156-6P)
PLASTIC PACKAGE
CASE 751E–04
(SO–24L)
ISSUE E
OUTLINE DIMENSIONS
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN
EXCESS OF D DIMENSION AT MAXIMUM
MATERIAL CONDITION.
–A–
–B–
P
12X
D
24X
12
13
24
1
M
0.010 (0.25)
B M
S
A
M
0.010 (0.25)
B S
T
–T–
G
22X
SEATING
PLANE
K
C
R X 45°
M
F
J
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
15.25
15.54
0.601
0.612
B
7.40
7.60
0.292
0.299
C
2.35
2.65
0.093
0.104
D
0.35
0.49
0.014
0.019
F
0.41
0.90
0.016
0.035
G
1.27 BSC
0.050 BSC
J
0.23
0.32
0.009
0.013
K
0.13
0.29
0.005
0.011
M
0
°
8
°
0
°
8
°
P
10.05
10.55
0.395
0.415
R
0.25
0.75
0.010
0.029
Lansdale Semiconductor reserves the right to make changes without further notice to any products herein to improve reliabili-
ty, function or design. Lansdale does not assume any liability arising out of the application or use of any product or circuit
described herein; neither does it convey any license under its patent rights nor the rights of others. “Typical” parameters which
may be provided in Lansdale data sheets and/or specifications can vary in different applications, and actual performance may
vary over time. All operating parameters, including “Typicals” must be validated for each customer application by the customer’s
technical experts. Lansdale Semiconductor is a registered trademark of Lansdale Semiconductor, Inc.
www.lansdale.com
Page 21 of 21
Issue A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21