| データシートサーチシステム |
|
STR710FZ1H6 データシート(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR710FZ1H6 データシート(HTML) 14 Page - STMicroelectronics |
|
14 / 77 page ![]() System architecture STR71xF 14/77 13 E3 P2.4/A.20 I/O pd 3) CT 8mA X X Port 2.4 External Memory Interface: address bus 14 E4 P2.5/A.21 I/O pd 3) CT 8mA X X Port 2.5 15 F1 P2.6/A.22 I/O pd 3) CT 8mA X X Port 2.6 16 G1 BOOTEN I CT Boot control input. Enables sampling of BOOT[1:0] pins 17 E5 P2.7/A.23 I/O pd 3) CT 8mA X X Port 2.7 External Memory Interface: address bus 18 F2 P2.8 I/O pu CT X 4mA X X Port 2.8 External interrupt INT2 19 F3 N.C. Not connected (not bonded) 20 F4 N.C. Not connected (not bonded) 21 F5 VSS S Ground voltage for digital I/Os4) 22 F6 V33 S Supply voltage for digital I/Os4) 23 G2 P2.9 I/O pu CT X 4mA X X Port 2.9 External interrupt INT3 24 G3 P2.10 I/O pu CT X 4mA X X Port 2.10 External interrupt INT4 25 G4 P2.11 I/O pu CT X 4mA X X Port 2.11 External interrupt INT5 26 H1 P2.12 I/O pu CT 4mA X X Port 2.12 27 J1 P2.13 I/O pu CT 4mA X X Port 2.13 28 G5 P2.14 I/O pu CT 4mA X X Port 2.14 29 K1 P2.15 I/O pu CT 4mA X X Port 2.15 30 L1 JTDI I TT JTAG Data input. External pull-up required. 31 H2 JTMS I TT JTAG Mode Selection Input. External pull-up required. 32 H3 JTCK I C JTAG Clock Input. External pull-up or pull-down required. 33 H4 JTDO O 8mA X JTAG Data output. Note: Reset state = HiZ. 34 J2 JTRST I TT JTAG Reset Input. External pull-up required. 35 J3 NU Reserved, must be forced to ground. 36 K2 TEST Reserved, must be forced to ground. 37 M1 N.C. Not connected (not bonded) 38 L2 TEST Reserved, must be forced to ground. 39 L3 N.C. Not connected (not bonded) Table 3. STR710 pin description Pin n° Pin Name Input Output Main function (after reset) Alternate function |