データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M24C64-DFMC6TP/PF データシート(PDF) 16 Page - STMicroelectronics

部品番号 M24C64-DFMC6TP/PF
部品情報  64-Kbit serial I²C bus EEPROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-DFMC6TP/PF データシート(HTML) 16 Page - STMicroelectronics

Back Button M24C64-DFMC6TP/PF Datasheet HTML 12Page - STMicroelectronics M24C64-DFMC6TP/PF Datasheet HTML 13Page - STMicroelectronics M24C64-DFMC6TP/PF Datasheet HTML 14Page - STMicroelectronics M24C64-DFMC6TP/PF Datasheet HTML 15Page - STMicroelectronics M24C64-DFMC6TP/PF Datasheet HTML 16Page - STMicroelectronics M24C64-DFMC6TP/PF Datasheet HTML 17Page - STMicroelectronics M24C64-DFMC6TP/PF Datasheet HTML 18Page - STMicroelectronics M24C64-DFMC6TP/PF Datasheet HTML 19Page - STMicroelectronics M24C64-DFMC6TP/PF Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
Instructions
M24C64-W M24C64-R M24C64-F M24C64-DF
16/54
DS6638 Rev 36
5.1.1
Byte Write
After the device select code and the address bytes, the bus master sends one data byte. If
the addressed location is Write-protected, by Write Control (WC) being driven high, the
device replies with NoAck, and the location is not modified. If, instead, the addressed
location is not Write-protected, the device replies with Ack. The bus master terminates the
transfer by generating a Stop condition, as shown in Figure 10.
Figure 10. Write mode sequences with WC = 0 (data write enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54