データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M24C64-DFMC6TP/PF データシート(PDF) 20 Page - STMicroelectronics

部品番号 M24C64-DFMC6TP/PF
部品情報  64-Kbit serial I²C bus EEPROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-DFMC6TP/PF データシート(HTML) 20 Page - STMicroelectronics

Back Button M24C64-DFMC6TP/PF Datasheet HTML 16Page - STMicroelectronics M24C64-DFMC6TP/PF Datasheet HTML 17Page - STMicroelectronics M24C64-DFMC6TP/PF Datasheet HTML 18Page - STMicroelectronics M24C64-DFMC6TP/PF Datasheet HTML 19Page - STMicroelectronics M24C64-DFMC6TP/PF Datasheet HTML 20Page - STMicroelectronics M24C64-DFMC6TP/PF Datasheet HTML 21Page - STMicroelectronics M24C64-DFMC6TP/PF Datasheet HTML 22Page - STMicroelectronics M24C64-DFMC6TP/PF Datasheet HTML 23Page - STMicroelectronics M24C64-DFMC6TP/PF Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
Instructions
M24C64-W M24C64-R M24C64-F M24C64-DF
20/54
DS6638 Rev 36
5.2
Read operations
Read operations are performed independently of the state of the Write Control (WC) signal.
After the successful completion of a Read operation, the device internal address counter is
incremented by one, to point to the next byte address.
For the Read instructions, after each byte read (data out), the device waits for an
acknowledgment (data in) during the 9th bit time. If the bus master does not acknowledge
during this 9th time, the device terminates the data transfer and switches to its Standby
mode.
Figure 13. Read mode sequences



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54