データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RT3612EB データシート(PDF) 21 Page - Richtek Technology Corporation

部品番号 RT3612EB
部品情報  2-Phase PWM Controller with Dual Integrated Drivers for IMVP9 CPU Core Power Supply
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RICHTEK [Richtek Technology Corporation]
ホームページ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3612EB データシート(HTML) 21 Page - Richtek Technology Corporation

Back Button RT3612EB Datasheet HTML 17Page - Richtek Technology Corporation RT3612EB Datasheet HTML 18Page - Richtek Technology Corporation RT3612EB Datasheet HTML 19Page - Richtek Technology Corporation RT3612EB Datasheet HTML 20Page - Richtek Technology Corporation RT3612EB Datasheet HTML 21Page - Richtek Technology Corporation RT3612EB Datasheet HTML 22Page - Richtek Technology Corporation RT3612EB Datasheet HTML 23Page - Richtek Technology Corporation RT3612EB Datasheet HTML 24Page - Richtek Technology Corporation RT3612EB Datasheet HTML 25Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
RT3612EB
21
DS3612EB-02 December 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
VIXR_SET2 (mV)
DVID Fast
Slew Rate
Acoustic
Noise
Suppression
High Frequency ACLL Voltage
compensation in PS1 (index)
Min.
Typ.
Max.
6.5
50
91.5
48mV/us
(Y/U/H-line)
Disable
60
108.5
150
189.5
80
210.5
250
287.5
100
312.5
350
385.5
Disable
414.5
450
483.5
Enable
60
516.5
550
581.5
80
618.5
650
679.5
100
720.5
750
777.5
Disable
Table 4. SET2 Pin Setting for DVID Fast Slew Rate, Acoustic Noise Suppression and High Frequency ACLL
Voltage Compensation in PS1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47