| データシートサーチシステム |
|
RT3612EB データシート(PDF) 24 Page - Richtek Technology Corporation |
|
|
|||||||||||||||||||||||||||||
RT3612EB データシート(HTML) 24 Page - Richtek Technology Corporation |
|
24 / 47 page ![]() RT3612EB 24 DS3612EB-02 December 2019 www.richtek.com © Copyright 2019 Richtek Technology Corporation. All rights reserved. is a registered trademark of Richtek Technology Corporation. VTSEN (mV) Advanced ramp magnitude in PS1(index) Advanced ramp magnitude in PS0(index) Zero LL DVID_LIFT Min. Typ. Max. 6.5 50 92.5 125 125 Disable Disable 107.5 150 191.5 5uA 208.5 250 290.5 Enable Disable 309.5 350 389.5 5uA 410.5 450 488.5 175 Disable Disable 511.5 550 587.5 5uA 612.5 650 686.5 Enable Disable 713.5 750 785.5 5uA 814.5 850 884.5 225 Disable Disable 915.5 950 983.5 5uA 1016.5 1050 1082.5 Enable Disable 1117.5 1150 1181.5 5uA 1218.5 1250 1280.5 Disable Disable Disable 1319.5 1350 1379.5 5uA 1420.5 1450 1478.5 Enable Disable 1521.5 1550 1577.5 5uA 1622.5 1650 1676.5 175 125 Disable Disable 1723.5 1750 1775.5 5uA 1824.5 1850 1874.5 Enable Disable 1925.5 1950 1973.5 5uA 2026.5 2050 2072.5 175 Disable Disable 2127.5 2150 2171.5 5uA 2228.5 2250 2270.5 Enable Disable 2329.5 2350 2369.5 5uA 2430.5 2450 2468.5 225 Disable Disable 2531.5 2550 2567.5 5uA 2632.5 2650 2666.5 Enable Disable 2733.5 2750 2765.5 5uA 2834.5 2850 2864.5 Disable Disable Disable 2935.5 2950 2963.5 5uA 3036.5 3050 3062.5 Enable Disable 3137.5 3150 3161.5 5uA Table 7. TSEN Pin Setting for Advanced Ramp Magnitude in PS1, Advanced Ramp Magnitude in PS0, Zero LL and DVID_LIFT |