データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EN25F20-100VIP データシート(PDF) 21 Page - Eon Silicon Solution Inc.

部品番号 EN25F20-100VIP
部品情報  2 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EON [Eon Silicon Solution Inc.]
ホームページ  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25F20-100VIP データシート(HTML) 21 Page - Eon Silicon Solution Inc.

Back Button EN25F20-100VIP Datasheet HTML 17Page - Eon Silicon Solution Inc. EN25F20-100VIP Datasheet HTML 18Page - Eon Silicon Solution Inc. EN25F20-100VIP Datasheet HTML 19Page - Eon Silicon Solution Inc. EN25F20-100VIP Datasheet HTML 20Page - Eon Silicon Solution Inc. EN25F20-100VIP Datasheet HTML 21Page - Eon Silicon Solution Inc. EN25F20-100VIP Datasheet HTML 22Page - Eon Silicon Solution Inc. EN25F20-100VIP Datasheet HTML 23Page - Eon Silicon Solution Inc. EN25F20-100VIP Datasheet HTML 24Page - Eon Silicon Solution Inc. EN25F20-100VIP Datasheet HTML 25Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
21
EN25F20
Rev. B, Issue Date: 2007/05/15
Power-up Timing
Figure 21. Power-up Timing
Table 7. Power-Up Timing and Write Inhibit Threshold
Symbol
Parameter
Min.
Max.
Unit
tVSL(1)
VCC(min) to CS# low
10
µs
tPUW(1)
Time delay to Write instruction
1
10
ms
VWI(1)
Write Inhibit Voltage
1
2.5
V
Note:
1.The parameters are characterized only.
INITIAL DELIVERY STATE
The device is delivered with the memory array erased: all bits are set to 1 (each byte contains FFh). The
Status Register contains 00h (all Status Register bits are 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31