| データシートサーチシステム |
|
EN25F20-100VIP データシート(PDF) 24 Page - Eon Silicon Solution Inc. |
|
|
|||||||||||||||||||||||||||||
EN25F20-100VIP データシート(HTML) 24 Page - Eon Silicon Solution Inc. |
|
24 / 31 page ![]() This Data Sheet may be revised by subsequent versions ©2004 Eon Silicon Solution, Inc., www.essi.com.tw or modifications due to changes in technical specifications. 24 EN25F20 Rev. B, Issue Date: 2007/05/15 Table 11. 75MHz AC Characteristics (Ta = 0°C to 70°C or - 40°C to 85°C; VCC = 2.7-3.6V) Symbol Alt Parameter Min Typ Max Unit F R f C Serial Clock Frequency for: FAST_READ, PP, SE, BE, DP, RES, WREN, WRDI, WRSR D.C. 75 MHz f R Serial Clock Frequency for READ, RDSR, RDID D.C. 66 MHz t CLH 1 Serial Clock High Time 6 ns t CLL 1 Serial Clock Low Time 6 ns t CLCH 2 Serial Clock Rise Time (Slew Rate) 0.1 V / ns t CHCL 2 Serial Clock Fall Time (Slew Rate) 0.1 V / ns t SLCH t CSS CS# Active Setup Time 5 ns t CHSH CS# Active Hold Time 5 ns t SHCH CS# Not Active Setup Time 5 ns t CHSL CS# Not Active Hold Time 5 ns t SHSL t CSH CS# High Time 100 ns t SHQZ 2 t DIS Output Disable Time 6 ns t CLQX t HO Output Hold Time 0 ns t DVCH t DSU Data In Setup Time 2 ns t CHDX t DH Data In Hold Time 5 ns t HLCH HOLD# Low Setup Time ( relative to SCK ) 5 ns t HHCH HOLD# High Setup Time ( relative to SCK ) 5 ns t CHHH HOLD# Low Hold Time ( relative to SCK ) 5 ns t CHHL HOLD# High Hold Time ( relative to SCK ) 5 ns t HLQZ 2 t HZ HOLD# Low to High-Z Output 6 ns t HHQZ 2 t LZ HOLD# High to Low-Z Output 6 ns t CLQV t V Output Valid from SCK 6 ns t WHSL 3 Write Protect Setup Time before CS# Low 20 ns t SHWL 3 Write Protect Hold Time after CS# High 100 ns t DP 2 CS# High to Deep Power-down Mode 3 µs t RES1 2 CS# High to Standby Mode without Electronic Signature read 3 µs t RES2 2 CS# High to Standby Mode with Electronic Signature read 1.8 µs t W Write Status Register Cycle Time 10 15 ms t PP Page Programming Time 1.5 5 ms t SE Sector Erase Time 0.15 0.3 s t BE Block Erase Time 0.8 2 s t CE Chip Erase Time 3 6 s Note: 1. TSCKH + TSCKL must be greater than or equal to 1/ FCLK 2. Value guaranteed by characterization, not 100% tested in production. 3. Only applicable as a constraint for a Write status Register instruction when Status Register Protect Bit is set at 1. |