データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RT9005APSP データシート(PDF) 4 Page - Richtek Technology Corporation

部品番号 RT9005APSP
部品情報  DDR VDDQ and Termination Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RICHTEK [Richtek Technology Corporation]
ホームページ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9005APSP データシート(HTML) 4 Page - Richtek Technology Corporation

  RT9005APSP Datasheet HTML 1Page - Richtek Technology Corporation RT9005APSP Datasheet HTML 2Page - Richtek Technology Corporation RT9005APSP Datasheet HTML 3Page - Richtek Technology Corporation RT9005APSP Datasheet HTML 4Page - Richtek Technology Corporation RT9005APSP Datasheet HTML 5Page - Richtek Technology Corporation RT9005APSP Datasheet HTML 6Page - Richtek Technology Corporation RT9005APSP Datasheet HTML 7Page - Richtek Technology Corporation RT9005APSP Datasheet HTML 8Page - Richtek Technology Corporation RT9005APSP Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RT9005A/B
Preliminary
4
DS9005A/B-01 September 2007
www.richtek.com
Absolute Maximum Ratings (Note 1)
Supply Input Voltage, VIN -------------------------------------------------------------------------------------------- 6V
Power Dissipation, PD @ TA = 25
°C
SOP-8 (Exposed) ----------------------------------------------------------------------------------------------------- 1.33W
Package Thermal Resistance (Note 4)
SOP-8 (Exposed),
θJA ------------------------------------------------------------------------------------------------ 75°C/W
SOP-8 (Exposed),
θJC ----------------------------------------------------------------------------------------------- 28°C/W
Junction Temperature ------------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10sec.)---------------------------------------------------------------------------- 260
°C
Storage Temperature Range ----------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ------------------------------------------------------------------------------------------ 2kV
MM (Machine Mode) -------------------------------------------------------------------------------------------------- 200V
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max Units
Input
Operation Current
IVCNTL
IOUT = 0A
--
1.5
3.0
mA
Standby Current
(Note 5)
ISTBY2
VREFEN < 0.2V (Shutdown),
RLOAD = 180Ω
--
50
90
μA
VOUT1 (VDDQ)
VOUT1 Accuracy
ΔVOUT
IOUT = 10mA
−2
--
+2
V
VOUT1 Current Limit
ILIM1
RLOAD = 0.5Ω, VIN1 = 3.3V
2
2.8
3
A
IOUT = 0.5A
--
120
180
VOUT1 Dropout Voltage
(Note 6)
VDROP
IOUT = 1.0A
--
240
360
mV
Line Regulation
ΔVLINE
VIN1 = (VOUT1 + 0.5V) to 5.5V
IOUT1 = 1mA
--
--
0.3
%
Load Regulation
(Note 7)
ΔVLOAD
VIN1 = (VOUT1 + 0.5V)
10mA < IOUT1 < 1A
--
0.4
--
%/A
VOUT2 (VTT)
Output Offset Voltage
(Note 8) VOS
IOUT = 0A
−20
--
+20
mV
Recommended Operating Conditions
(Note 3)
Supply Input Voltage, VIN1 ------------------------------------------------------------------------------------------ 5V to 2.5V
Supply Input Voltage, VIN2 ------------------------------------------------------------------------------------------ 3.6V to 1.5V
Control Voltage, VCNTL ----------------------------------------------------------------------------------------------- 5V to 3.1V
Junction Temperature Range ----------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range ----------------------------------------------------------------------------------------
−40°C to 85°C
To be continued
(VIN1 =3.3V , VIN1 = VOUT + 1V, CIN1 = COUT1 = 2.2
μF (Ceramic) & CBP = 10nF; VIN2 = 2.5V/1.8/1.5V, VCNTL = 3.3V, VREFEN = 1.25V/
0.9/0.75V, CIN2 = 470
μF, CVCNTL= 47μF, COUT2 = 1000μF(Electrolytic), TA = 25°C, unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com