データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RT9005APSP データシート(PDF) 2 Page - Richtek Technology Corporation

部品番号 RT9005APSP
部品情報  DDR VDDQ and Termination Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RICHTEK [Richtek Technology Corporation]
ホームページ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9005APSP データシート(HTML) 2 Page - Richtek Technology Corporation

  RT9005APSP Datasheet HTML 1Page - Richtek Technology Corporation RT9005APSP Datasheet HTML 2Page - Richtek Technology Corporation RT9005APSP Datasheet HTML 3Page - Richtek Technology Corporation RT9005APSP Datasheet HTML 4Page - Richtek Technology Corporation RT9005APSP Datasheet HTML 5Page - Richtek Technology Corporation RT9005APSP Datasheet HTML 6Page - Richtek Technology Corporation RT9005APSP Datasheet HTML 7Page - Richtek Technology Corporation RT9005APSP Datasheet HTML 8Page - Richtek Technology Corporation RT9005APSP Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RT9005A/B
Preliminary
2
DS9005A/B-01 September 2007
www.richtek.com
Typical Application Circuit
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
BP
Noise Reduction. Connecting a 10nF capacitor to GND to reduce output noise.
7,
Exposed Pad (9)
GND
Common Ground (T he exposed pad must be soldered to a large PCB and
connected to GND for maximum power dissipation). The GND pad are a should be
as large as possible and using many vias to conduct the heat into the buried GND
plate of PCB layer.
2
VIN1
Linear Regulator Power Input Voltage.
3
VIN2
Input voltage which supplies current to the output pin. Connect this pin to a
well-decoupled supply voltage. To prevent the input rail from dropping during large
load transient, a large, low ESR capacitor is recommended to use. The capacitor
should be placed as close as possible to the VIN2 pin.
4
VCNTL
VCNTL supplies the internal control circuitr y and provides the drive voltage. The
driving capability of output current is proportioned to the VCNTL. Connect this pin
to 3.3V bias supply to handle large output current with at least 10uF capacitor from
this pin to GND.
5
VREFEN
Reference voltage input and active low VOUT2 shutdown control pin. Two resistors
dividing down the VIN voltage on the pin to create the regulated output voltage.
Pulling the pin to ground turns off the device by an open-drain, such as 2N7002,
signal N-MOSFET.
6
VOUT2
Regulator Output. VOUT2 is regulated to REFEN voltage that is used to terminate
the bus resistors. It is capable of sinking and sourcing current while regulating the
output rail. To maintain adequate large signal transient response, typical value of
1000
μF AL electrolytic capacitor with 10μF ceramic capacitors are recommended to
reduce the effects of current transients on VOUT.
8
VOUT1
Regulator 2.5V/1.8/1.5V Output.
Note : If there is any application need to use 10
μF ceramic capacitor in front of RTT, please shut one 1000μF (Aluminum
eletrolytic capacitor).
VIN1
VREFEN
GND
VOUT2
RT9005A/B
EN
2N7002
R1
R2
CSS
VIN1
CVCNTL
CIN2
RTT
COUT2
GND
VOUT1
COUT1
VOUT1
7,
Exposed Pad(9)
3
5
8
6
BP
1
VIN2
VCNTL
CIN1
CBP
VIN2
VCTNL = 3.3V
2
4
2.2uF
10nF
2.2uF
1uF
470uF
47uF
470uF



Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com