| データシートサーチシステム |
|
DSP56303 データシート(PDF) 221 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56303 データシート(HTML) 221 Page - Freescale Semiconductor, Inc |
|
221 / 292 page ![]() Triple Timer Module Programming Model DSP56303 User’s Manual, Rev. 2 Freescale Semiconductor 9-29 9.4.7 Timer Count Register (TCR) The TCR is a 24-bit read-only register. In timer and watchdog modes, the contents of the counter can be read at any time from the TCR register. In measurement modes, the TCR is loaded with the current value of the counter on the appropriate edge of the input signal, and its value can be read to determine the width, period, or delay of the leading edge of the input signal. When the timer is in measurement mode, the TIO signal is used for the input signal. |