| データシートサーチシステム |
|
DSP56303 データシート(PDF) 58 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56303 データシート(HTML) 58 Page - Freescale Semiconductor, Inc |
|
58 / 292 page ![]() DSP56303 User’s Manual, Rev. 2 3-14 Freescale Semiconductor Memory Configuration Figure 3-8. 16-bit Space, Switched Program RAM, Instruction Cache Enabled (1, 1, 1) External $FFFF $0000 Internal I/O Internal X data RAM 3 K External $0C00 External I/O Internal Y data RAM 3 K External Program X Data Y Data $0400 Bit Settings Memory Configuration SC MS CE Program RAM X Data RAM Y Data RAM Cache Addressable Memory Size 111 1 K $000–$3FF 3 K $000–$BFF 3 K $000–$BFF 1 K internal not accessible 64 K Internal RAM 1 K Program $FFFF $0000 $FF80 $0C00 $FFFF $0000 $FF80 |