| データシートサーチシステム |
|
DSP56303 データシート(PDF) 76 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56303 データシート(HTML) 76 Page - Freescale Semiconductor, Inc |
|
76 / 292 page ![]() DSP56303 User’s Manual, Rev. 2 4-18 Freescale Semiconductor Core Configuration 4.4.3 Processing Interrupt Source Priorities Within an IPL If more than one interrupt request is pending when an instruction executes, the interrupt source with the highest IPL is serviced first. When several interrupt requests with the same IPL are pending, another fixed-priority structure within that IPL determines which interrupt source is serviced first. Table 4-6 shows this fixed-priority list of interrupt sources within an IPL, from highest to lowest at each level The interrupt mask bits in the Status Register (I[1–0]) can be programmed to ignore low priority-level interrupt requests. VBA:$44 0–2 ESSI1 receive last slot VBA:$46 0–2 ESSI1 transmit data VBA:$48 0–2 ESSI1 transmit data with exception status VBA:$4A 0–2 ESSI1 transmit last slot VBA:$4C 0–2 Reserved VBA:$4E 0–2 Reserved VBA:$50 0–2 SCI receive data VBA:$52 0–2 SCI receive data with exception status VBA:$54 0–2 SCI transmit data VBA:$56 0–2 SCI idle line VBA:$58 0–2 SCI timer VBA:$5A 0–2 Reserved VBA:$5C 0–2 Reserved VBA:$5E 0–2 Reserved VBA:$60 0–2 Host receive data full VBA:$62 0–2 Host transmit data empty VBA:$64 0–2 Host command (default) VBA:$66 0–2 Reserved :: : VBA:$FE 0–2 Reserved Table 4-6. Interrupt Source Priorities Within an IPL Priority Interrupt Source Level 3 (nonmaskable) Highest Hardware RESET Stack error Table 4-5. Interrupt Sources (Continued) Interrupt Starting Address Interrupt Priority Level Range Interrupt Source |