| データシートサーチシステム |
|
DSP56303 データシート(PDF) 258 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56303 データシート(HTML) 258 Page - Freescale Semiconductor, Inc |
|
258 / 292 page ![]() DSP56303 User’s Manual, Rev. 2 B-14 Freescale Semiconductor Programming Reference Figure B-5. Bus Control Register (BCR) Bus Interface Unit Bus Control Register (BCR) Reset = $1FFFFF Bus State, Bit 21 0 = DSP is not bus master Area 0 Wait Control, Bits 4– 0 Default Area Wait Control, Bits 20–16 1 = DSP is bus master Area 3 Wait Control, Bits 15–13 Area 2 Wait Control, Bits 12–10 Bus Request Hold, Bit 23 0 = BR pin is asserted only for attempted 1 = BR pin is always asserted or pending access NOTE: All BCR bits are read/write control bits. These read/write control bits define the number of wait states inserted into each external SRAM access to the designated area. The value of these bits should not be programmed as zero. Area 1 Wait Control, Bits 9–5 Application: Date: Programmer: Sheet 1 of 2 Bits Bit Name # of Wait States 20–16 BDFW[4–0] 0–31 15–13 BA3W[2–0] 0–7 12–10 BA2W[2–0] 0–7 9–5 BA1W[4–0] 0–31 4–0 BA0W[4–0] 0–31 15 14 13 12 11 10 987654 3210 19 18 17 16 23 22 21 20 BRH BBS BDFW[4–0] BA3W[2–0] BA2W[2–0] BA1W[4–0] BA0W[4–0] X:$FFFFFB Read/Write *0 * = Reserved, Program as 0 |