| データシートサーチシステム |
|
DSP56303 データシート(PDF) 265 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56303 データシート(HTML) 265 Page - Freescale Semiconductor, Inc |
|
265 / 292 page ![]() Programming Sheets DSP56303 User’s Manual, Rev. 2 Freescale Semiconductor B-21 Figure B-12. Interrupt Control and Command Vector Registers Application: Date: Programmer: Sheet 4 of 5 HOST 7 6 5432 10 Host Side RREQ HF1 TREQ HF0 INIT HLEND Interrupt Control Register (ICR) Host Address: $0 Read/Write Transmit Request Enable DMA Off 0 = Interrupts Disabled 1 = Interrupts Enabled DMA On 0 = DSP → Host 1 = Host → DSP Host Flags Write Only Initialize (Write Only) Host Little Endian Receive Request Enable DMA Off 0 = Interrupts Disabled 1 = Interrupts Enabled DMA On 0 = Host → DSP 1 = DSP → Host 0 = No Action 1 = Initialize DMA HDRQ *0 HDRQ HREQ/HTRQ HACK/HRRQ 0 HREQ HACK 1 HTRQ HRRQ Reset = $00 *= Reserved, Program as 0 76 5 4 3 2 1 0 HC0 HC4 HC1 HC3 HC7 HC5 Command Vector Register (CVR) HC2 Reset = $32 Contains the host command interrupt address HC6 Host Vector Contains Host Command Interrupt Address ÷ 2 Host Command Handshakes Executing Host Command Interrupts Host Address: $1 Read/Write |