| データシートサーチシステム |
|
DSP56303 データシート(PDF) 275 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56303 データシート(HTML) 275 Page - Freescale Semiconductor, Inc |
|
275 / 292 page ![]() Programming Sheets DSP56303 User’s Manual, Rev. 2 Freescale Semiconductor B-31 Figure B-22. Host Data Direction and Host Data Registers (HDDR, HDR) Application: Date: Programmer: Sheet 1 of 4 GPIO 15 14 13 12 11 10 98 7654 3210 DR5 DR4 DR3 DR2 DR1 DR0 DR6 DR15 DR14 DR13 DR12 DR8 DR11 DR9 DR10 X:$FFFFC8 Write Reset = $00 Host Data Direction Register (HDDR) DRx = 0 → HIx is Input DRx = 1 → HIx is Output 15 14 13 12 11 10 98 7654 3210 D5 D4 D3 D2 D1 D0 D6 D15 D14 D13 D12 D8 D11 D9 D10 X:$FFFFC9 Write Reset = Undefined Host Data Register (HDR) DRx holds value of corresponding HI08 GPIO pin. DR7 D7 Function depends on HDDR. Port B (HI08) |