| データシートサーチシステム |
|
STMPE2401 データシート(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE2401 データシート(HTML) 47 Page - STMicroelectronics |
|
47 / 55 page ![]() STMPE2401 Rotator controller 47/55 14 Rotator controller Rotator controller consists of 3 terminal, each capable of becoming an input with internal pull-up, or and output. At any moment, 2 terminals are inputs and one terminal is output. Figure 10. Rotator controller The Rotator Controller is responsible for the detection of the direction of rotator and the reporting of these direction sequences. The direction of a rotator can be either up or down. A rotator has 3 contacts and detection of shorts on these contacts is used to determine the direction of rotation. Following diagram shows the definition of the direction of rotation and how the FSM states and driven outputs correspond to rotation. Figure 11. Possible conditions Table 46. 3 possible conditions: A-B short, B-C short, C-A short. LO Input Current State Next State Result State Output Input Input State Output Input Input C1 A B C 2 B A C Up B1 A B C 3 C A B Down A2 B A C 3 C A B Down C2 B A C 1 A B C Up A3 C A B 2 B A C Up B3 C A B 1 A B C Down |