データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STMPE2401 データシート(PDF) 49 Page - STMicroelectronics

部品番号 STMPE2401
部品情報  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2401 データシート(HTML) 49 Page - STMicroelectronics

Back Button STMPE2401 Datasheet HTML 45Page - STMicroelectronics STMPE2401 Datasheet HTML 46Page - STMicroelectronics STMPE2401 Datasheet HTML 47Page - STMicroelectronics STMPE2401 Datasheet HTML 48Page - STMicroelectronics STMPE2401 Datasheet HTML 49Page - STMicroelectronics STMPE2401 Datasheet HTML 50Page - STMicroelectronics STMPE2401 Datasheet HTML 51Page - STMicroelectronics STMPE2401 Datasheet HTML 52Page - STMicroelectronics STMPE2401 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
STMPE2401
Rotator controller
49/55
The host should do the following on the I2C bus to start the Rotator controller:
1.
The host writes to GPIO Controller to configure the PU/PD bit and select the Rotator
Bits on the relevant IO.
2.
Write Rotator_Control data register to start the rotator controller. A maximum of 2
rotations later, the correct initial state on the rotator FSM is obtained. Scanning for
rotator movement continues.
3.
The host waits for interrupt from the rotator controller.
4.
The host reads Rotator_Buffer
5.
The host can stop rotator controller operation by writing to Rotator_Control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55