| データシートサーチシステム |
|
MB96F348CSAPMC-GE2 データシート(PDF) 89 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB96F348CSAPMC-GE2 データシート(HTML) 89 Page - fujitsu semiconductor |
|
89 / 159 page ![]() Preliminary Specification MB96300 FME/EMDC- 2007-02-12 MB96300_shortspec.fm 89 0004F2H RLT - Timer Control Status Register 4 Low TMCSRL4 TMCSR4 RW 0004F3H RLT - Timer Control Status Register 4 High TMCSRH4 RW 0004F4H RLT - Reload Register 4 - for writing TMRLR4 W 0004F4H RLT - Reload Register 4 - for reading TMR4 R 0004F5H RLT - Reload Register 4 - for writing W 0004F5H RLT - Reload Register 4 - for reading R 0004F6H RLT - Timer Control Status Register 5 Low TMCSRL5 TMCSR5 RW 0004F7H RLT - Timer Control Status Register 5 High TMCSRH5 RW 0004F8H RLT - Reload Register 5 - for writing TMRLR5 W 0004F8H RLT - Reload Register 5 - for reading TMR5 R 0004F9H RLT - Reload Register 5 - for writing W 0004F9H RLT - Reload Register 5 - for reading R 0004FAH RLT - Timer input select (for Cascading) TMISR RW 000500H FRT - Data register of free-running timer 2 TCDT2 RW 000501H FRT - Data register of free-running timer 2 RW 000502H FRT - Control status register of free- running timer 2 TCCSL2 TCCS2 RW 000503H FRT - Control status register of free- running timer 2 TCCSH2 RW 000504H FRT - Data register of free-running timer 3 TCDT3 RW 000505H FRT - Data register of free-running timer 3 RW 000506H FRT - Control status register of free- running timer 3 TCCSL3 TCCS3 RW 000507H FRT - Control status register of free- running timer 3 TCCSH3 RW 000508H OCU - Output Compare Control Status 8 OCS8 RW 000509H OCU - Output Compare Control Status 9 OCS9 RW 00050AH OCU - Compare Register 8 OCCP8 RW 00050BH OCU - Compare Register 8 RW 00050CH OCU - Compare Register 9 OCCP9 RW Table 0-1 I/O map (27 / 53) Address Register Abbreviation 8-bit access Abbreviation 16-bit access Access |