| データシートサーチシステム |
|
MB96F348CSAPMC-GE2 データシート(PDF) 31 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB96F348CSAPMC-GE2 データシート(HTML) 31 Page - fujitsu semiconductor |
|
31 / 159 page ![]() Preliminary Specification MB96300 FME/EMDC- 2007-02-12 MB96300_shortspec.fm 31 53 55 P07_6 I General purpose IO AN22 A/D converter analog input INT6 External interrupt INT6 request input SOT9_R Relocated USART 9 serial data output (not available on MB96F348H/T) 54 56 P07_7 I General purpose IO AN23 A/D converter analog input INT7 External interrupt INT7 request input SIN9_R Relocated USART 9 serial data input (not available on MB96F348H/T) 55 57 11 P08_0 H General purpose IO CKOTX0 Clock Output Function 0 inverted output ADTG A/D converter trigger input INT12_R Relocated external interrupt INT12 request input TIN0 Reload Timer 0 event input 56 58 P08_1 H General purpose IO TOT0 Reload Timer 0 output CKOT0 Clock output function 0 output INT13_R Relocated external interrupt INT13 request input 57 59 44 P08_2 H General purpose IO SIN0 USART 0 serial data input TIN2 Reload Timer 2 event input INT14_R Relocated external interrupt INT14 request input PIN DESCRIPTION FOR MB96(F)32x, MB96(F)34x, MB96(F)35x, MB96(F)36x Pin no. Pin name Circuit type Function MB9632 x MB9634x MB9635 x MB9636 x LQFP80*5 LQFP100*2 QFP100*1 LQFP64*3 LQFP48*4 |