データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MB96F348CSAPMC-GE2 データシート(PDF) 110 Page - fujitsu semiconductor

部品番号 MB96F348CSAPMC-GE2
部品情報  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FUJITSU [fujitsu semiconductor]
ホームページ  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPMC-GE2 データシート(HTML) 110 Page - fujitsu semiconductor

Back Button MB96F348CSAPMC-GE2 Datasheet HTML 106Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 107Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 108Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 109Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 110Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 111Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 112Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 113Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 114Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 159 page
background image
MB96300 Series
Preliminary Specification
110
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
000A03H
CAN 3 - Status register (reserved)
STATRH3
R
000A04H
CAN 3 - Error Counter (Transmit)
ERRCNTL3
ERRCNT3
R
000A05H
CAN 3 - Error Counter (Receive)
ERRCNTH3
R
000A06H
CAN 3 - Bit Timing Register
BTRL3
BTR3
RW
000A07H
CAN 3 - Bit Timing Register
BTRH3
RW
000A08H
CAN 3 - Interrupt Register
INTRL3
INTR3
R
000A09H
CAN 3 - Interrupt Register
INTRH3
R
000A0AH
CAN 3 - Test Register
TESTRL3
TESTR3
RW
000A0BH
CAN 3 - Test Register (reserved)
TESTRH3
R
000A0CH
CAN 3 - BRP Extension register
BRPERL3
BRPER3
RW
000A0DH
CAN 3 - BRP Extension register
(reserved)
BRPERH3
R
000A10H
CAN 3 - IF1 Command request register
IF1CREQL3
IF1CREQ3
RW
000A11H
CAN 3 - IF1 Command request register
IF1CREQH3
RW
000A12H
CAN 3 - IF1 Command Mask register
IF1CMSKL3
IF1CMSK3
RW
000A13H
CAN 3 - IF1 Command Mask register
(reserved)
IF1CMSKH3
R
000A14H
CAN 3 - IF1 Mask Register
IF1MSK1L3
IF1MSK13
RW
000A15H
CAN 3 - IF1 Mask Register
IF1MSK1H3
RW
000A16H
CAN 3 - IF1 Mask Register
IF1MSK2L3
IF1MSK23
RW
000A17H
CAN 3 - IF1 Mask Register
IF1MSK2H3
RW
000A18H
CAN 3 - IF1 Arbitration register
IF1ARB1L3
IF1ARB13
RW
000A19H
CAN 3 - IF1 Arbitration register
IF1ARB1H3
RW
000A1AH
CAN 3 - IF1 Arbitration register
IF1ARB2L3
IF1ARB23
RW
000A1BH
CAN 3 - IF1 Arbitration register
IF1ARB2H3
RW
000A1CH
CAN 3 - IF1 Message Control Register
IF1MCTRL3
IF1MCTR3
RW
000A1DH
CAN 3 - IF1 Message Control Register
IF1MCTRH3
RW
000A1EH
CAN 3 - IF1 Data A1
IF1DTA1L3
IF1DTA13
RW
000A1FH
CAN 3 - IF1 Data A1
IF1DTA1H3
RW
000A20H
CAN 3 - IF1 Data A2
IF1DTA2L3
IF1DTA23
RW
Table 0-1 I/O map (48 / 53)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More