| データシートサーチシステム |
|
PCA9541BS/03 データシート(PDF) 25 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9541BS/03 データシート(HTML) 25 Page - NXP Semiconductors |
|
25 / 43 page ![]() PCA9541_5 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 05 — 1 October 2007 25 of 43 NXP Semiconductors PCA9541 2-to-1 I2C-bus master selector with interrupt logic and reset 10. Application design-in information 10.1 Specific applications The PCA9541 is a 2-to-1 I2C-bus master selector designed for dual master, high reliability I2C-bus applications, where continuous maintenance and control monitoring is required even if one master fails or its controller card is removed for maintenance. The PCA9541 can also be used in other applications, such as where masters share the same resource but cannot share the same bus, as a gatekeeper multiplexer in long single bus applications or as a bus initialization/recovery device. Fig 17. Typical application PCA9541 SCL_MST0 SDA_MST0 INT0 3.3 V MASTER 0 002aab611 SCL0 SDA0 INT0 INT_IN A3 A2 A1 VDD A0 VSS VDD RESET0 VSS SLAVE 1 SDA SCL SLAVE 2 SDA SCL INT SLAVE 3 SDA SCL SDA_SLAVE SCL_SLAVE SCL_MST1 SDA_MST1 INT1 3.3 V MASTER 1 SCL1 SDA1 INT1 VDD RESET1 VSS RESET SLAVE CARD |