| データシートサーチシステム |
|
PCA9541BS/03 データシート(PDF) 40 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9541BS/03 データシート(HTML) 40 Page - NXP Semiconductors |
|
40 / 43 page ![]() PCA9541_5 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 05 — 1 October 2007 40 of 43 NXP Semiconductors PCA9541 2-to-1 I2C-bus master selector with interrupt logic and reset For further information on temperature profiles, refer to Application Note AN10365 “Surface mount reflow soldering description”. 17. Abbreviations MSL: Moisture Sensitivity Level Fig 30. Temperature profiles for large and small components 001aac844 temperature time minimum peak temperature = minimum soldering temperature maximum peak temperature = MSL limit, damage level peak temperature Table 21. Abbreviations Acronym Description AI Auto Increment CDM Charged Device Model DUT Device Under Test EEPROM Electrically Erasable Programmable Read-Only Memory ESD ElectroStatic Discharge FRU Field Replaceable Unit HBM Human Body Model I2C-bus Inter Integrated Circuit bus MM Machine Model POR Power-On Reset RC Resistor-Capacitor network SMBus System Management Bus |