データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

YB1509 データシート(PDF) 1 Page - YOBON TECHNOLOGIES,INC.

部品番号 YB1509
部品情報  High-Power White LED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  YOBON [YOBON TECHNOLOGIES,INC.]
ホームページ  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1509 データシート(HTML) 1 Page - YOBON TECHNOLOGIES,INC.

  YB1509 Datasheet HTML 1Page - YOBON TECHNOLOGIES,INC. YB1509 Datasheet HTML 2Page - YOBON TECHNOLOGIES,INC. YB1509 Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1509 Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1509 Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1509 Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1509 Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
YB1509
High-Power White LED Driver
YB1509 MRev.1.1
www.yobon.com.tw
1
Description
The
YB1509
is
a
high-power
boost
converter. An adjustable current limit, wide
range of input voltage, and up to 40V of
switch voltage are designed to drive white
LEDs back-lighting for large LCD panel. It
can drive up to 10 LEDs in series or 18
LEDs in parallel/series configuration.
The wide application VIN range makes
YB1509 suitable for many types of battery
applications such as Li-ions, Alkaline, or
Sealed Lead Acid batteries. The adjustable
inductor current optimizes the performance
for different output drive capability by an
external resistor.
The LED current is set by a resistor
connected to FB pin. The On/Of duty with
clock frequency from 1K to 100KHz at EN
pin can control the LED brightness
Typical Application Circuit
Features
2V to 16V Input Voltage
40V Maximum Output Voltage
Drive up to 18 White LEDs
Adjustable Inductor Current
1µs Constant Off-time PFM Control
1KHz to 100KHz PWM Dimming Control
Applications
PDA, Palmtops and Smart Phones
LCD Monitor
LCD TV
Portable DVD player
White LED backlighting
GPS navigation system
Handheld Game
YB1509
VIN= 6 to14V
VIN
EN
Bypass
LX
FB
Iset
GND
10uF
16V
22uH
4.7uF
35V
RFB
60OHM
SL12
1K
10nF
6.3V
BZV55-B 36
2KOHM
Figure 1. Typical application circuit


同様の部品番号 - YB1509

メーカー部品番号データシート部品情報
logo
YOBON TECHNOLOGIES,INC.
YB1506 YOBON-YB1506 Datasheet
566Kb / 10P
Step-up DC-DC Converter , White LED Driver
YB1508 YOBON-YB1508 Datasheet
774Kb / 7P
Step-up DC-DC Converter , White LED Driver
YB1508P YOBON-YB1508P Datasheet
774Kb / 7P
Step-up DC-DC Converter , White LED Driver
More results

同様の説明 - YB1509

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STCF02 STMICROELECTRONICS-STCF02 Datasheet
223Kb / 4P
High Power White Led Driver
05-Oct-2005
STCF02 STMICROELECTRONICS-STCF02_07 Datasheet
701Kb / 19P
High power white led driver
09-Feb-2007
logo
YOBON TECHNOLOGIES,INC.
YB1519 YOBON-YB1519 Datasheet
271Kb / 7P
High-Power White LED Driver
logo
Power Analog Micoelectr...
PAM2800 PAM-PAM2800 Datasheet
92Kb / 7P
High Power White LED Driver
PAM2801 PAM-PAM2801 Datasheet
270Kb / 9P
1W High Power White LED Driver
PAM2803 PAM-PAM2803 Datasheet
211Kb / 8P
3W High Power White LED Driver
logo
FOSLINK SEMICONDUCTOR C...
FSP3604 FOSLINK-FSP3604 Datasheet
559Kb / 6P
3W HIGH POWER WHITE LED DRIVER
logo
Diodes Incorporated
PAM2800 DIODES-PAM2800 Datasheet
201Kb / 7P
HIGH POWER WHITE LED DRIVER
Rev 1
PAM2803 DIODES-PAM2803 Datasheet
392Kb / 9P
3W HIGH POWER WHITE LED DRIVER
Rev 2
PAM2800AABR DIODES-PAM2800AABR Datasheet
293Kb / 7P
HIGH POWER WHITE LED DRIVER
December 2016
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com