データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

YB1509 データシート(PDF) 6 Page - YOBON TECHNOLOGIES,INC.

部品番号 YB1509
部品情報  High-Power White LED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  YOBON [YOBON TECHNOLOGIES,INC.]
ホームページ  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1509 データシート(HTML) 6 Page - YOBON TECHNOLOGIES,INC.

  YB1509 Datasheet HTML 1Page - YOBON TECHNOLOGIES,INC. YB1509 Datasheet HTML 2Page - YOBON TECHNOLOGIES,INC. YB1509 Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1509 Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1509 Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1509 Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1509 Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
YB1509
High-Power White LED Driver
YB1509 MRev.1.1
www.yobon.com.tw
6
and going through the ISET resistor to
ground. The higher the ISET pin voltage, the
larger the peak inductor current is built up.
Application Information
Enable/Shutdown
The YB1509 comes with an active-high
enable pin that allows the white LED driver
to be enabled. Forcing the enable pin low
disables the chip and puts it into the
shutdown mode. This pin cannot be left
floating; as it may cause an undetermined
state.
Input/Output Capacitor
It is recommended to use a 10µF capacitor
on the YB1509 input and a 4.7µF capacitor
on
the
output.
Higher
capacitance
is
allowed to reduce the voltage and current
ripple. Choose low ESR capacitors for the
output to minimize output ripple. Multilayer
ceramic capacitors are good choice for the
input and output capacitor.
Inductor
The
appropriate
inductor
for
a
given
application is calculated using the following
equation:
OFF
SET
D
MIN
IN,
OUT
T
I
V
V
V
L
⎟⎟
⎜⎜
+
=
Where VD is the schottky diode voltage,
ISET is the setting for inductor current, and
TOFF is the switch off time designed for 1µs.
When using this equation be sure to use
the
minimum
input
voltage
for
the
application, such as for battery-powered
application.
Choosing inductor with low ESR decrease
power losses and increase efficiency.
Diode selection
To maintain high efficiency, the average
current rating of the schottky diode should
be large than the peak inductor current.
Schottky diode with a low forward drop and
fast switching speeds are ideal for increase
efficiency in portable application. Choose a
reverse breakdown of the schottky diode
large than the output voltage.
Thermal Consideration:
When YB1509 is set to handle high switch
current
will
result
in
internal
power
dissipation
and
thus
generating
heat.
Always beware the amount of power
dissipated during operation. To resolve the
thermal built up issue, reduce resistance at
ISET which lower the peak switch current.
Layout consideration
The input capacitor CIN must be placed
close to the IC. This will reduce copper
trace resistance which effect input voltage
ripple of the IC. The output capacitor, COUT,
should also be placed close to the IC. Any
copper trace connections for the COUT
capacitor
can
increase
the
series
resistance, which directly effect output
voltage
ripple.
The
feedback
resister
should be kept close to the FB pin to
minimize copper trace connections that can
inject noise into the system. The ground



Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com