データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TBC12DDA データシート(PDF) 1 Page - Automatic Timing & Controls, Inc.

部品番号 TBC12DDA
部品情報  On-Delay DIP Switch TDR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATC [Automatic Timing & Controls, Inc.]
ホームページ  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

TBC12DDA データシート(HTML) 1 Page - Automatic Timing & Controls, Inc.

  TBC12DDA Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
67
Automatic Timing & Controls
800.727.5646
atcdiversified.com
On-Delay DIP Switch TDR
WIRING
DIMENSIONS (INCHES)
SPECIFICATIONS
TIME DELAY A 0.1 to 102.3 SEC in 0.1 SEC Increments
RANGE
B 1.0 to 1,023 SEC in 1.0 SEC Increments
C 10 to 10,230 SEC in 10 SEC Increments
D 0.1 to 102.3 MIN in 0.1 MIN Increments
E 1.0 top 1,023 MIN in 1.0 MIN Increments
OUTPUT RATING 10 A @ 250 VAC or 24 VDC, resistive
ACCURACY
Setting ±2% or ±50 mSEC; whichever is greater
Repeat ±0.1% or ±8.3 mSEC; whichever is greater
RESET TIMES Before Time Out 100 mSEC
After Time Out
50 mSEC
SUPPLY VOLTAGE
12, 24, 48, 120 or 240 VAC, 50/60 Hz;
or DC; ±10%
FALSE TRANSFER
No
REVERSE POLARITY Yes
PROTECTED
POWER REQUIRED 3 VA, approximately
DUTY CYCLE
Continuous
TEMPERATURE
Operate
32° to 131°F (0° to +55°C)
RATING
Storage
-49° to 185°F (-45° to +85°C)
LIFE EXPECTANCY
Mechanical 10 million operations, minimum
Electrical
100,000 operations @ rated load
INDICATORS
LED glows when relay is energized
ISOLATION
1,500 volts, input/output
WEIGHT
0.35 lbs.
5
4
SUPPLY
VOLTAGE
+
–
DPDT Octal Plug-in
6
7
8
1
2
3
RB-08/PF083A
MODEL NUMBER
MODEL NUMBER
TBC
A
CONTROL VOLTAGE
12 VDC
12
D
24 VAC/DC
24
A
48 VDC
48
D
120 VAC/DC
120
A
240 VAC
240
A
TIME DELAY RANGE
0.1 to 102.3 SEC in
0.1 SEC Increments
A
1.0 to 1,023 SEC in
1.0 SEC Increments
B
10 to 10,230 SEC in
10 SEC Increments
C
0.1 to 102.3 MIN in
0.1 MIN Increments
D
1.0 to 1,023 MIN in
1.0 MIN Increments
E
HOUSING
A
The time delay begins when supply voltage is applied to the input. Upon completion of
the delay period, the relay energizes. Reset during or after the delay period is accom-
plished by removal of the supply voltage. The TBC Series will not false transfer if supply
voltage is removed prior to completion of the delay period. A fast recycle time permits
accurate, high speed, continuous operation.
DIP SWITCH OPERATION
Digital selection of the time delay is accomplished by the use of
ten (10) binary switches, each marked with a time increment. The
time periods, of which there are five (5) ranges, represented by
each switch in the ON position is added together to obtain the
desired time delay. No more trial-by-error adjustments.
SUPPLY
VOLTAGE
OUTPUT
TIME DELAY
E55826
Automatic Timing & Controls
800.727.5646
atcdiversified.com


同様の部品番号 - TBC12DDA

メーカー部品番号データシート部品情報
logo
Kingbright Corporation
TBC12-11EGWA KINGBRIGHT-TBC12-11EGWA Datasheet
233Kb / 6P
30 MM 5 X 7 DOT MATRIX DISPLAYS
TBC12-11EGWA KINGBRIGHT-TBC12-11EGWA Datasheet
174Kb / 5P
30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TBC12-12EGWA KINGBRIGHT-TBC12-12EGWA Datasheet
233Kb / 6P
30 MM 5 X 7 DOT MATRIX DISPLAYS
TBC12-12EGWA KINGBRIGHT-TBC12-12EGWA Datasheet
172Kb / 5P
30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TBC12-22EGWA KINGBRIGHT-TBC12-22EGWA Datasheet
233Kb / 6P
30 MM 5 X 7 DOT MATRIX DISPLAYS
More results

同様の説明 - TBC12DDA

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
2211 ETC-2211 Datasheet
42Kb / 3P
FIXED DIP DELAY LINE
1517 ETC-1517 Datasheet
37Kb / 2P
5-TAP DIP DELAY LINE
logo
RCD COMPONENTS INC.
SMP1410A-10NS-50R RCD-SMP1410A-10NS-50R Datasheet
96Kb / 1P
PASSIVE DIP DELAY LINES, TAPPED
logo
TE Connectivity Ltd
7000 TEC-7000 Datasheet
975Kb / 7P
Available in on-delay, true off-delay, and on/off-delay
logo
PHOENIX CONTACT
ETD-BL-1T-ON-10S PHOENIX-ETD-BL-1T-ON-10S Datasheet
156Kb / 8P
Time relay with switch-on delay
ETD-BL-1T-ON-CC-10S PHOENIX-ETD-BL-1T-ON-CC-10S Datasheet
157Kb / 8P
Timer relay with switch-on delay
logo
Littelfuse
TAC1 LITTELFUSE-TAC1 Datasheet
566Kb / 2P
Delay-on-Make
2016 Rev: 1-A-062316
TDB LITTELFUSE-TDB Datasheet
386Kb / 2P
DELAY-ON-BREAK
2021 Rev: 1-B-030121
TDMB LITTELFUSE-TDMB Datasheet
489Kb / 2P
Delay-on-Make/Delay-on-Break
2016 Rev: 1-A-062316
CT1S30 LITTELFUSE-CT1S30 Datasheet
422Kb / 2P
Delay-on-Make/Delay-on-Break Timer
Rev: 1-A-062116
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com