| データシートサーチシステム |
|
STCF03PNR データシート(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STCF03PNR データシート(HTML) 22 Page - STMicroelectronics |
|
22 / 35 page ![]() Description of internal registers STCF03 22/35 8.8 AUXI_0~3 This 4 bits register defines the AUX LED current from 0 to 20 mA. See AUX LED Dimming Table for reference. Loading any value between 1 and 15 also starts the AUX LED current source timer, if enabled. The AUX LED current source is active only in Ready Mode, and is deactivated in any other mode. 8.9 AUXT_0~3 This 4 bit register controls the timer that defines the ON-time of the AUX LED current source. ON-time starts when the AUXI register is loaded with any value other than zero, and stops after the time defined in the AUXT register. Values from 1 to 14 of the AUXT register correspond to an ON-time of the AUX LED ranging from 100 to 1400 ms in 100 ms steps. The value 15 puts the AUX LED to the continuous light mode. The activation/deactivation of the AUX LED current source is controlled using only the AUXI register. Note: LED current values refer to RFL=0.27 Ω, RTR=1.8 Ω. Table 12. Auxiliary register AUX_REG (write mode) MSB LSB SUB ADD=02 AUXI_3 AUXI_2 AUXI_1 AUXI_0 AUXT_3 AUXT_2 AUXT_1 AUXT_0 Power ON, SHUTDOWN MODE RESET Value 00 000 00 0 Table 13. Auxiliary led dimming table (1) AUXI (hex) 01 234 567 89 A B C D E F AUX LED current [mA] 0.0 1.3 2.6 4.0 5.3 6.6 8.0 9.3 10.6 12.0 13.3 14.6 16.0 17.3 18.6 20.0 1. 20 mA output current is achievable only if the supply voltage is higher than 3.3 V. Table 14. Torch Mode and Flash Mode dimming registers settings T_DIM (hex) 0 1 2 3 4 5 6 7 8 9 A B C D E F F_DIM (hex) 0 1 2 3 4 5 6 7 8 9 A B C D E F LED current [mA] 16 19 23 27 32 39 46 55 65 77 92 109 124 147 175 209 248 296 352 418 498 592 705 840 Internal step 12345678 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 VREF1 [mV] 33 40 47 56 67 80 95 113 134 160 190 227 33 40 47 56 67 79 95 113 134 160 190 227 Sense Resist. RFL + RTR RFL + RTR RFL + RTR RFL + RTR RFL + RTR RFL + RTR RFL + RTR RFL + RTR RFL + RTR RFL + RTR RFL + RTR RFL + RTR RFL RFL RFL RFL RFL RFL RFL RFL RFL RFL RFL RFL |