データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STCF03PNR データシート(PDF) 29 Page - STMicroelectronics

部品番号 STCF03PNR
部品情報  High power white LED driver with I2C??interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF03PNR データシート(HTML) 29 Page - STMicroelectronics

Back Button STCF03PNR Datasheet HTML 25Page - STMicroelectronics STCF03PNR Datasheet HTML 26Page - STMicroelectronics STCF03PNR Datasheet HTML 27Page - STMicroelectronics STCF03PNR Datasheet HTML 28Page - STMicroelectronics STCF03PNR Datasheet HTML 29Page - STMicroelectronics STCF03PNR Datasheet HTML 30Page - STMicroelectronics STCF03PNR Datasheet HTML 31Page - STMicroelectronics STCF03PNR Datasheet HTML 32Page - STMicroelectronics STCF03PNR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Package mechanical data
STCF03
29/35
11
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35