データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AX2005 データシート(PDF) 7 Page - AXElite technology co. ltd

部品番号 AX2005
部品情報  3A/2APWM Control LED Driver with internal Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AXELITE [AXElite technology co. ltd]
ホームページ  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX2005 データシート(HTML) 7 Page - AXElite technology co. ltd

Back Button AX2005 Datasheet HTML 2Page - AXElite technology co. ltd AX2005 Datasheet HTML 3Page - AXElite technology co. ltd AX2005 Datasheet HTML 4Page - AXElite technology co. ltd AX2005 Datasheet HTML 5Page - AXElite technology co. ltd AX2005 Datasheet HTML 6Page - AXElite technology co. ltd AX2005 Datasheet HTML 7Page - AXElite technology co. ltd AX2005 Datasheet HTML 8Page - AXElite technology co. ltd AX2005 Datasheet HTML 9Page - AXElite technology co. ltd AX2005 Datasheet HTML 10Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7/10
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.6 Sep.24, 2019
AX2005/A
Inductor Selection
For most designs, the different frequency can be reducing the inductor value; The
AX2005/A is suggested 33uH.
Where is inductor Ripple Current. Large value inductors lower ripple current and small
value inductors result in high ripple currents. Choose inductor ripple current approximately
20% of the maximum load current 2A, ΔIL=0.4A. The DC current rating of the inductor
should be at least equal to the maximum load current plus half the ripple current to prevent
core saturation (2A+0.2A).
Input Capacitor Selection
This capacitor should be located close to the IC using short leads and the voltage
rating should be approximately 1.5 times the maximum input voltage. The RMS current
rating requirement for the input capacitor of a buck regulator is approximately 1⁄2 the DC
load current. A low ESR input capacitor sized for maximum RMS current must be used. A
220µF low ESR capacitor for most applications is sufficient.
Over Voltage Protection
The OVP voltage is set by outside resistance (R1 and R4). The external resistor sets
the OVP voltage according to the following equation:
)
1
R
4
R
1
(
V
)
OVP
(
V
OVP
OUT
+
×
=
If VOVP >0.85V, The OVP is happened that to disable the driver until VOVP <0.85V.
Output Capacitor Selection
For lower output voltage ripple and more stable LED current, higher value output
capacitor and low ESR is recommended. A 470uF electrolytic capacitor works for most of
the applications.



Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com