データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL431AC データシート(PDF) 16 Page - STMicroelectronics

部品番号 TL431AC
部品情報  Automotive adjustable voltage reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL431AC データシート(HTML) 16 Page - STMicroelectronics

Back Button TL431AC Datasheet HTML 12Page - STMicroelectronics TL431AC Datasheet HTML 13Page - STMicroelectronics TL431AC Datasheet HTML 14Page - STMicroelectronics TL431AC Datasheet HTML 15Page - STMicroelectronics TL431AC Datasheet HTML 16Page - STMicroelectronics TL431AC Datasheet HTML 17Page - STMicroelectronics TL431AC Datasheet HTML 18Page - STMicroelectronics TL431AC Datasheet HTML 19Page - STMicroelectronics TL431AC Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Package information
TL431, TL432
16/22
DocID4467 Rev 17
4.4
SOT23-3 package information
Figure 27. SOT23-3 package outline
Table 10. SOT23-3 package mechanical data
Symbol
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.89
-
1.12
0.035
-
0.044
A1
0.01
-
0.10
0.0004
-
0.004
A2
0.88
0.95
1.02
0.035
0.037
0.040
b
0.30
-
0.50
0.012
-
0.020
c
0.08
-
0.20
0.003
-
0.008
D
2.80
2.90
3.04
0.110
0.114
0.120
E
2.10
-
2.64
0.083
-
0.104
E1
1.20
1.30
1.40
0.047
0.051
0.055
e
-
0.95
-
-
0.037
-
e1
-
1.90
-
-
0.075
-
L
0.40
0.50
0.60
0.016
0.020
0.024
L1
-
0.54
-
-
0.021
-
k
0d
-
8d
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22