| データシートサーチシステム |
|
STM32U545CEU6 データシート(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U545CEU6 データシート(HTML) 10 Page - STMicroelectronics |
|
10 / 30 page ![]() STM32CubeU5 features a rich set of examples and applications at all levels, making it easy to understand and use any HAL driver and/or middleware components. These examples run on the STMicroelectronics boards listed in Table 2. Table 2. Boards for STM32U5 series Board Board STM32U5 supported devices NUCLEO-U575ZI-Q STM32U575ZIT6Q STM32U575I-EV STM32U575AII6Q B-U585I-IOT02A STM32U585AII6Q NUCLEO-U5A5ZJ-Q STM32U5A5ZJT6Q STM32U5A9J-DK STM32U5A9NJH6Q NUCLEO-U545RE-Q STM32U545RET6Q STM32U5G9J-DK2 STM32U5G9ZJT6Q STM32U5G9J-DK1 STM32U5G9NJH6Q The STM32CubeU5 MCU package is able to run on any compatible hardware. The user simply updates the BSP drivers to port the provided examples on their own board, if the latter has the same hardware features (such as LED, LCD display, buttons). 4.2 MCU package overview The STM32CubeU5 MCU package solution is provided in one single zip package having the structure shown in Figure 4. UM2883 STM32CubeU5 MCU package overview UM2883 - Rev 4 page 10/30 |