| データシートサーチシステム |
|
TB2104F データシート(PDF) 4 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TB2104F データシート(HTML) 4 Page - Toshiba Semiconductor |
|
4 / 9 page ![]() TB2104F 2002-10-30 4 · In T-BUS mode, start data transmission with the LS terminal (period) set at “L” level. Thereafter, send address data 8 bits, display data 20 bits, and chip select code 4 bits, synchronizing with rise of CLK signal. · After sending data, set the LS terminal to “L” level again and terminate the data sending. · On a driver IC when chip select code agrees with chip select code by AD1 / AD2, display data are updated at fall of LS signal. · When increasing driver ICs, it is possible to connect up to 8 ICs on the same bus line in combination with AD1 / AD2. · T-BUS address of the TB2104F is “D4H”. · When data are transferred using T-BUS address “00H”, the data can be input to all the driver ICs on the bus line independently of chip select codes (“0H”~“7H”). (This function can be used for power on reset.) 3. AD1 / AD2 input and chip select codes AD1 / AD2 input are 3-value level inputs and 9 kinds (3×3) of codes can be set. AD1 AD2 A B C Chip Select Code Mode VIH 1 1 1 “7H” VIM 0 1 1 “6H” VIL VIH 1 0 1 “5H” VIH 0 0 1 “4H” T -BUS VIM — — — — Serial VIL VIM 1 1 0 “3H” VIH 0 1 0 “2H” VIM 1 0 0 “1H” VIL VIL 0 0 0 “0H” T -BUS 4. Example of extension of driver ICs in T-BUS mode chip select code |