| データシートサーチシステム |
|
TB2104F データシート(PDF) 5 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TB2104F データシート(HTML) 5 Page - Toshiba Semiconductor |
|
5 / 9 page ![]() TB2104F 2002-10-30 5 5. T-BUS mode timing chart · fCLK ≤ 500kHz · t1 ≥ 0.2µs, t2 ≥ 0.2µs · t3 ≥ 1.0µs, t4 ≥ 1.0µs Cautions for use · Therefore, multiple driver outputs may possibly become “H” level simultaneously after the power is turned on. (In this case, the allowable power dissipation of a device using this IC may possible be exceeded, destroying the device.) · In order to avoid this, while keeping the clear terminal (CL) at “L” level, rise the power supply for the logic unit (VDD) and then, that for the drivers (VDR), reset all the contents of the data latch (“L” level) by serial data, and initialize the driver outputs. |