| データシートサーチシステム |
|
CORTEX-R82 データシート(PDF) 11 Page - Arm Limited (or its affiliates). |
|
|
|||||||||||||||||||||||||||||
CORTEX-R82 データシート(HTML) 11 Page - Arm Limited (or its affiliates). |
|
11 / 13 page ![]() 11 AXI-S AMBA ACE5-Lite 128-bit Enables external agents to access to the TCMs and LLRAM port. WFE event signaling - - Signals for Wait-For-Event (WFE) wake-up events. Clock state control Q-Channel - Q-Channels for clock gating control. Power state control P-Channel - P-Channels for Cortex-R82 processor power management. Main Accelerator Coherency Port (ACP) AMBA 5 ACE-Lite 128-bit Provide access to the MM port to external masters. Shared Peripheral Port (SPP) AMBA 5 AXI 64-bit Optional shared SPP for minimum latency access to memory and devices. Main Master (MM) AMBA 5 AXI or CHI 256-bit Shared MM port for accesses to high-latency memory and non-critical peripherals. Generic Timer - - Input for the Generic Timer counter value. The counter value is distributed to all cores. Each core outputs timer events. Design for Test (DFT) - - Interface to support access for Automatic Test Pattern Generation (ATPG) scan-path testing. DebugBlock Interfaces Name Protocol Details External debug AMBA 4 APB Slave interface to external debug component, for example a Debug Access Port (DAP). Allows access to Debug registers and resources. DebugBlock AMBA 4 APB APB interface between the Cortex-R82 processor and the DebugBlock. Cross-trigger channel interface CTI Allows cross-triggering to be extended to external SoC components. Power management Q-Channel Enables communication to an external power controller to control clock gating and power-down. |