| データシートサーチシステム |
|
IRG4PC40FD データシート(PDF) 24 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRG4PC40FD データシート(HTML) 24 Page - International Rectifier |
|
24 / 35 page ![]() HIGH TEMPERATURE REVERSE BIAS (HTRB) Test circuit Conditions Bias: Vce = As required Temperature: Tmax Duration: 2000 Hours nominal DUT Test points: 168, 500, 1000, DC 1500, 2000, Hours nominal BIAS D = Diode for CoPack devices only Purpose Failure Modes Sensitive Parameters V(BR)CES, ICES, IGES, VGE(th) High temperature reverse bias (HTRB) burn-in is to stress the devices with the applied voltage in the blocking mode while elevating the junction temperature. This will accelerate any blocking voltage degradation process. D The primary failure mode for HTRB stress is a gradual degradation of the breakdown characteristics or V(BR)CES. This degradation has been attributed to the presence of foreign materials and polar/ionic contaminants. These materials, migrating under application of electric field at high temperature, can perturb the electric field termination structure. Extreme care must be exercised in the course of a long term test to avoid potential hazards such as electrostatic discharge or electrical overstress to the gate during test. Failures arising from this abuse can be virtually indistinguishable from true HTRB failures which results from the actual stress test. IGBT / CoPack Quarterly Reliability Report Page 24 of 35 |