| データシートサーチシステム |
|
STM32G474CE データシート(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474CE データシート(HTML) 47 Page - STMicroelectronics |
|
47 / 232 page ![]() DS12288 Rev 1 47/232 STM32G474xB STM32G474xC STM32G474xE Functional overview 47 SWDIO and SWCLK, respectively, and a specific sequence on the TMS pin is used to switch between JTAG-DP and SW-DP. 3.39.2 Embedded trace macrocell™ The Arm embedded trace macrocell provides a greater visibility of the instruction and data flow inside the CPU core by streaming compressed data at a very high rate from the STM32G474xB/xC/xE devices through a small number of ETM pins to an external hardware trace port analyzer (TPA) device. Real-time instruction and data flow activity be recorded and then formatted for display on the host computer that runs the debugger software. TPA hardware is commercially available from common development tool vendors. The Embedded trace macrocell operates with third party debugger software tools. |