| データシートサーチシステム |
|
STM32G474CE データシート(PDF) 92 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474CE データシート(HTML) 92 Page - STMicroelectronics |
|
92 / 232 page ![]() IDD (LPRun) Supply current in Low-power run mode SYSCLK source is HSE in bypass mode all peripherals disable 2 MHz 450 725 1350 2250 3800 725 1500 3700 6000 11000 µA 1 MHz 270 575 1200 2150 3650 575 1300 3500 5800 11000 250 KHz 185 460 1050 2000 3550 460 1100 3400 5700 11000 62.5 KHz 130 430 1050 2000 3500 430 1100 3400 5600 11000 SYSCLK source is HSI16 all peripherals disable 2 MHz 970 1200 1850 2750 4300 1200 2000 4200 6600 12000 1 MHz 800 1100 1700 2650 4150 1100 1900 4100 6500 11000 250 KHz 680 990 1600 2550 4050 990 1800 4100 6400 11000 62.5 KHz 695 965 1600 2500 4050 965 1700 4000 6400 11000 1. Guaranteed by characterization results, unless otherwise specified. Table 22. Current consumption in Run and Low-power run modes, code with data processing running from Flash in dual bank, ART enable (Cache ON Prefetch OFF) (continued) Symbol Parameter Conditions fHCLK TYP MAX(1) Unit - Voltage scaling 25°C 55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C |