| データシートサーチシステム |
|
STM32G474CE データシート(PDF) 119 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474CE データシート(HTML) 119 Page - STMicroelectronics |
|
119 / 232 page ![]() DS12288 Rev 1 119/232 STM32G474xB STM32G474xC STM32G474xE Electrical characteristics 201 Independent clock domain ADC1/ADC2 independent clock domain 0.72 0.67 0.53 0.63 µA/MHz ADC3/ADC4/ ADC5 independent clock domain 0.67 0.62 0.50 0.22 FDCAN1/ FDCAN2/ FDCAN3 independent clock domain 11.62 10.84 8.95 10.24 I2C1 independent clock domain 4.03 3.76 3.12 4.15 I2C2 independent clock domain 3.78 3.52 2.93 3.23 I2C3 independent clock domain 2.72 2.55 2.11 2.65 I2C4 independent clock domain 3.95 3.67 3.04 2.81 I2S2 independent clock domain 1.49 1.40 1.15 1.63 I2S3 independent clock domain 1.52 1.43 1.16 2.15 LPTIM1 independent clock domain 4.00 3.71 3.08 3.57 LPUART1 independent clock domain 4.43 4.13 3.45 4.02 QUADSPI independent clock domain 0.54 0.51 0.44 0.75 RNG independent clock domain 0.83 0.87 NA NA USB independent clock domain 1.10 1.17 NA NA SAI1 independent clock domain 3.36 3.14 2.58 3.25 UART4 independent clock domain 6.60 6.17 5.14 6.02 UART5 independent clock domain 6.60 6.16 5.12 6.12 USART1 independent clock domain 7.62 7.12 5.89 6.90 USART2 independent clock domain 7.37 6.86 5.70 6.72 USART3 independent clock domain 7.98 7.44 6.17 8.21 Table 38. Peripheral current consumption (continued) Bus Peripheral Range 1 Boost mode Range 1 Normal mode Range 2 Low-power run and sleep Unit |