| データシートサーチシステム |
|
STM32G474CE データシート(PDF) 139 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474CE データシート(HTML) 139 Page - STMicroelectronics |
|
139 / 232 page ![]() DS12288 Rev 1 139/232 STM32G474xB STM32G474xC STM32G474xE Electrical characteristics 201 Figure 25. I/O AC characteristics definition(1) 1. Refer to Table 59: I/O (except FT_c) AC characteristics 5.3.15 NRST pin characteristics The NRST pin input driver uses the CMOS technology. It is connected to a permanent pull- up resistor, RPU. Unless otherwise specified, the parameters given in the table below are derived from tests performed under the ambient temperature and supply voltage conditions summarized in Table 17: General operating conditions. Table 61. NRST pin characteristics(1) 1. Guaranteed by design. Symbol Parameter Conditions Min Typ Max Unit VIL(NRST) NRST input low level voltage -- - 0.3ₓVDD V VIH(NRST) NRST input high level voltage -0.7ₓVDD -- Vhys(NRST) NRST Schmitt trigger voltage hysteresis -- 200 - mV RPU Weak pull-up equivalent resistor(2) 2. The pull-up is designed with a true resistance in series with a switchable PMOS. This PMOS contribution to the series resistance is minimal (~10% order) . VIN = VSS 25 40 55 kΩ VF(NRST) NRST input filtered pulse -- - 70 ns VNF(NRST) NRST input not filtered pulse 1.71 V ≤ VDD ≤ 3.6 V 350 - - ns |