データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Z00607MA5BL2 データシート(PDF) 6 Page - STMicroelectronics

部品番号 Z00607MA5BL2
部品情報  Standard 0.8 A Triacs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z00607MA5BL2 データシート(HTML) 6 Page - STMicroelectronics

  Z00607MA5BL2 Datasheet HTML 1Page - STMicroelectronics Z00607MA5BL2 Datasheet HTML 2Page - STMicroelectronics Z00607MA5BL2 Datasheet HTML 3Page - STMicroelectronics Z00607MA5BL2 Datasheet HTML 4Page - STMicroelectronics Z00607MA5BL2 Datasheet HTML 5Page - STMicroelectronics Z00607MA5BL2 Datasheet HTML 6Page - STMicroelectronics Z00607MA5BL2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Ordering information
Z00607
6/7
4
Ordering information
5
Revision history
Table 6.
TO-92 Dimensions
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A1.35
0.053
B
4.70
0.185
C2.54
0.100
D4.40
0.173
E
12.70
0.500
F
3.70
0.146
a
0.50
0.019
A
F
C
B
a
DE
Ordering type
Marking
Package
Weight
Base
quantity
Delivery
mode
Z00607MA 1BA2
Z0607MA
TO-92
0.2 g
2500
Bulk
Z00607MA 2BL2
Z0607MA
2000
Ammopack
Z00607MA 5BL2
Z0607MA
2000
Tape and reel
Z00607MN 5AA4
Z6M
SOT-223
0.12 g
1000
Tape and reel
Date
Revision
Description of Changes
Oct-2001
4
Last update.
25-Mar-2005
5
Package: TO-92 tape and reel delivery mode 5BL2 added.
21-Jun-2005
6
Markings updated from Z006xxxx to Z06xxxx
13-Sep-2005
7
Z00607MA 2BL2: marking corrected from 00607mA to
Z0607MA
12-Apr-2007
8
Reformatted to current standard. Added SOT-223 package.
Changed Tj from +125 to +110 in Table 1



Html Pages

1 2 3 4 5 6 7