| データシートサーチシステム |
|
Z00607MA5BL2 データシート(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
Z00607MA5BL2 データシート(HTML) 4 Page - STMicroelectronics |
|
4 / 7 page ![]() Ordering information scheme Z00607 4/7 2 Ordering information scheme Figure 7. Relative variation of critical rate of decrease of main current versus junction temperature Figure 8. SOT-223 Thermal resistance junction to ambient versus copper surface under tab (printed circuit board FR4, copper thickness: 35 µm) 0 10 20 30 40 50 60 70 80 90 100 110 0 1 2 3 4 5 6 (dI/dt)c [T ] / Specified] j (dI/dt)c [Tj T (°C) j R (°C/W) th(j-a) 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 0 10 20 30 40 50 60 70 80 90 100 110 120 130 S(cm²) Z 006 07 M A 1BA2 Blank Triac series Current Sensitivity Voltage Package Packing mode 006 = 0.8A 07 = 5mA M = 600V A = TO-92 N = SOT-223 1BA2 = TO-92 Bulk 2BL2 = TO-92 Ammopack 5BL2 = TO-92 Tape and reel 5AA4 = SOT-223 Tape and reel |