| データシートサーチシステム |
|
DSP56721 データシート(PDF) 17 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56721 データシート(HTML) 17 Page - Freescale Semiconductor, Inc |
|
17 / 54 page ![]() SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors, Rev.1 Freescale Semiconductor 17 Figure 13. External Interrupt Timing Diagram (Negative Edge-Triggered) Figure 14. MODE Select Set-Up and Hold Timing Diagram 2.2 Module-Level Specifications For a summary of the module-level specifications in this section, see Table 10. Table 10. Module-Level Specifications For See Section 2.2.1, “Serial Host Interface (SHI) SPI Protocol Timing” on page 18 Section 2.2.2, “Serial Host Interface (SHI) I2C Protocol Timing” on page 24 Section 2.2.3, “Programming the SHI I2C Serial Clock” on page 26 Section 2.2.4, “Enhanced Serial Audio Interface (ESAI) Timing” on page 27 Section 2.2.5, “Timer Timing” on page 32 Section 2.2.6, “GPIO Timing” on page 32 Section 2.2.7, “JTAG Timing” on page 33 Section 2.2.8, “Watchdog Timer Timing” on page 35 Section 2.2.9, “Host Data Interface (HDI24) Timing” on page 35 Section 2.2.10, “S/PDIF Timing” on page 42 Section 2.2.11, “EMC Timing (DSP56720 only)” on page 43 IRQA, IRQB, IRQC, IRQD, NMI, NMI_1 IRQA, IRQB, IRQC, IRQD, NMI, NMI_1 16 17 RESET MODA, MODB, MODC, MODD, PINIT VIH IRQA, IRQB, IRQC,IRQD, NMI VIH VIH 14 15 VIL VIL |