| データシートサーチシステム |
|
DSP56721 データシート(PDF) 19 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56721 データシート(HTML) 19 Page - Freescale Semiconductor, Inc |
|
19 / 54 page ![]() SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors, Rev.1 Freescale Semiconductor 19 27 SS assertion to first SCK edge CPHA = 0 Slave Bypassed 3.5 x TC+15 32.5 – ns Very Narrow 3.5 x TC+5 22.5 – ns Narrow – 0 – ns Wide – 0 – ns CPHA = 1 Slave Bypassed – 10 – ns Very Narrow – 0 – ns Narrow – 0 – ns Wide – 0 – ns 28 Last SCK edge to SS not asserted Slave Bypassed – 12 – ns Very Narrow – 22 – ns Narrow – 100 – ns Wide – 200 – ns 29 Data input valid to SCK edge (data input set-up time) Master /Slave Bypassed – 0 – ns Very Narrow – 0 – ns Narrow – 0 – ns Wide – 0 – ns 30 SCK last sampling edge to data input not valid Master /Slave Bypassed 2 x TC + 10 10 – ns Very Narrow 2 x TC + 30 40 – ns Narrow 2 x TC + 60 70 – ns Wide – 100.0 – ns 31 SS assertion to data out active Slave – – 5 – ns 32 SS deassertion to data high impedance2 Slave – – – 9 ns 33 SCK edge to data out valid (data out delay time) Master /Slave Bypassed – – 46.2 ns Very Narrow – – 270 ns Narrow – – 376 ns Wide – – 521 ns 34 SCK edge to data out not valid (data out hold time) Master /Slave Bypassed – 11.67 – ns Very Narrow – 15 – ns Narrow – 55 – ns Wide – 105 – ns 35 SS assertion to data out valid (CPHA = 0) Slave – – – 14.0 ns Table 11. Serial Host Interface SPI Protocol Timing Parameters (Continued) No. Characteristics1,3,4 Mode Filter Mode Expression Min Max Unit |