| データシートサーチシステム |
|
TDA7546TR データシート(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7546TR データシート(HTML) 64 Page - STMicroelectronics |
|
64 / 68 page ![]() Other functions detailed block diagrams TDA7546 64/68 Table 50. Block diagram quality detection principle (without overdeviation correction) Signal LOW HIGH ac No adjacent channel Adjacent channel present ac+ No strong adjacent channel Adjacent channel higher as ac sm Fieldstrength higher as softmute threshold Fieldstrength lower as softmute threshold dev Deviation lower as threshold DWTH Deviation higher as threshold DWTH dev+ Deviation lower as threshold DTH*DWTH Deviation higher as threshold DTH*DWTH inton ISS filter off by logic (wide) ISS filter on by logic int80 ISS filter 120KHz (mid) ISS filter 80KHz (narrow) Input Signals Mode1 Mode2 ac ac+ sm dev dev+ inton int80 Function inton int80 Function 00 00 00 0 wide 0 0 wide 00 01 00 0 wide 0 0 wide 00 01 10 0 wide 0 0 wide 00 10 01 1 narrow 1 1 narrow 00 11 00 0 wide 1 0 mid 00 11 10 0 wide 0 0 wide 10 00 01 1 narrow 1 0 mid 11 00 01 1 narrow 1 1 narrow 10 01 01 0 mid 1 0 mid 11 01 11 0 mid 1 1 narrow 10 10 01 1 narrow 1 1 narrow 11 10 01 1 narrow 1 1 narrow 10 11 01 0 mid 1 0 mid 11 11 01 0 mid 1 1 narrow 10 11 11 0 mid 1 0 mid 11 11 11 0 mid 1 1 narrow |