| データシートサーチシステム |
|
TDA7546TR データシート(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7546TR データシート(HTML) 39 Page - STMicroelectronics |
|
39 / 68 page ![]() TDA7546 Software specifications 39/68 TEST Testing PLL/IFC (only for testing) TIN Switch FSU PIN to TEST input (only for testing) TINAC Test input adjacent channel (only for testing) TINACM Test input adjacent channel mute (only for testing) TINMP Test input multipath(only for testing) TISS Time constant for ISS filter “ON”/”OFF” TOUT Switch FSU PIN to Test output (only for testing) TVO Tuning voltage offset for prestage TVWB Tuning voltage offset for prestage (weather band mode) VCOD VCO divider XTAL Xtal frequency adjust Table 10. Control register function (continued) Register Name Function Table 11. Subaddress MSB LSB Function I A4A3A2A1 A0 00000 Charge pump control 00001 PLL lock detector ----- - 10101 I/Q ADJ 0 Page mode “OFF” 1 Page mode enable |