データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AFE0064 データシート(PDF) 12 Page - Texas Instruments

部品番号 AFE0064
部品情報  64 Channel Analog Front End for Digital X-Ray Detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

AFE0064 データシート(HTML) 12 Page - Texas Instruments

Back Button AFE0064 Datasheet HTML 8Page - Texas Instruments AFE0064 Datasheet HTML 9Page - Texas Instruments AFE0064 Datasheet HTML 10Page - Texas Instruments AFE0064 Datasheet HTML 11Page - Texas Instruments AFE0064 Datasheet HTML 12Page - Texas Instruments AFE0064 Datasheet HTML 13Page - Texas Instruments AFE0064 Datasheet HTML 14Page - Texas Instruments AFE0064 Datasheet HTML 15Page - Texas Instruments AFE0064 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
AFE0064
SLAS672 – SEPTEMBER 2009 ........................................................................................................................................................................................ www.ti.com
A high pulse on STI activates the data read function and resets the channel counter to zero. As shown in
Figure 5, the device outputs the analog voltage from channel 63 on the first rising edge of CLK after STI falling
edge. Channel 63 to 32 data is available on the OUTP<1> and OUTM<1> terminals. Next the lower output
channel is connected to the output after four clocks.
Data on the OUTP<0> and OUTM<0> terminals is skewed by two clocks with respect to OUTP<1> and
OUTM<1>. Channel 31 to 0 data is available on the OUTP<0> and OUTM<0> terminals.
The skew between the two output drivers allows the user to connect a two channel multiplexed input ADC to the
AFE output.
The device output goes to 3-state after all of the data on the particular differential output driver ( 0 or 1) is
transferred, if ENTRI is tied to high level. Otherwise, both differential output drivers stay at output common-mode
voltage after data transfer.
Maximum Data Transfer Rate: As shown in Figure 5, the device outputs new channel data on every alternate
rising edge of the clock. Effectively the data transfer rate is one-half of the clock speed. The maximum data
transfer rate is 7.5 MHz as the device supports a maximum 15 MHz clock frequency.
Figure 6. Device Data Read in Simultaneous Mode ( SMT_MD=1)
A high level on the ‘SIMULT_MODE’ pin selects simultaneous mode. the device outputs data simultaneously on
both differential output drivers OUTP-OUTM<0> and OUTP-OUTM<1> in this mode. This means the device
outputs both Ch31 and Ch63 outputs on the first rising edge of the clock, Ch30 and Ch62 on the 2nd rising edge
and so on. This mode is useful when two separate single channel ADCs or one simultaneous sampling ADC is
used to digitize OUTP-OUTM<0> and OUTP-OUTM<1>. Unlike sequential mode, simultaneous mode needs only
33 clocks to read all 64 channels of data. In this case the output data transfer rate per output driver is the same
as the clock frequency. The device can work at a maximum clock frequency of 3.75 MHz.
Running the Device at Minimum Scan Time:
Minimum scan time is achieved if a data read overlaps the reset phase (as shown in Figure 1). This can be done
if an IRST rising edge and STI rising edge occur simultaneously. It is recommended to stop the clock after the
device receives 133 clocks after STI falling edge, if sequential mode selected (or 33 clocks if simultaneous mode
is selected). It is possible to keep the clock free running throughout the scan, but it can potentially deteriorate
noise performance. With t-scan (min) = t1+t2+132 (t-clk)+t3+t4+t5+0.5µSec+t6+t7 and all timing values used are
the minimum specified values, then t-scan (min) = 28.32 µSec.
Running the Device at Higher Scan Time (for lesser frame rate):
It is possible to run the device at a higher scan time to achieve a lesser frame rate without affecting performance.
(Note that violating the maximum limits on the specified timings and also the minimum specification on the clock
frequency results in charge leakage on the integration or CDS capacitors. This causes additional offset and gain
errors.)
12
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :AFE0064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com