| データシートサーチシステム |
|
LM98640CVAL データシート(PDF) 53 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM98640CVAL データシート(HTML) 53 Page - Texas Instruments |
|
53 / 55 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 23-May-2025 TRAY L - Outer tray length without tabs KO - Outer tray height W - Outer tray width P1 - Tray unit pocket pitch CW - Measurement for tray edge (Y direction) to corner pocket center CL - Measurement for tray edge (X direction) to corner pocket center Text Chamfer on Tray corner indicates Pin 1 orientation of packed units. *All dimensions are nominal Device Package Name Package Type Pins SPQ Unit array matrix Max temperature (°C) L (mm) W (mm) K0 (µm) P1 (mm) CL (mm) CW (mm) 5962R1820301VXC NBB CFP 68 12 3 X 4 NA 280 230 19000 60.6 79.4 54.5 5962R1820301VXC.A NBB CFP 68 12 3 X 4 NA 280 230 19000 60.6 79.4 54.5 LM98640W-MLS NBB CFP 68 12 3 X 4 NA 280 230 19000 60.6 79.4 54.5 LM98640W-MLS.A NBB CFP 68 12 3 X 4 NA 280 230 19000 60.6 79.4 54.5 LM98640W-MPR NBB CFP 68 12 3 X 4 NA 280 230 19000 60.6 79.4 54.5 LM98640W-MPR.A NBB CFP 68 12 3 X 4 NA 280 230 19000 60.6 79.4 54.5 Pack Materials-Page 1 |